|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PI74SSTVF16859 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 13-Bit to 26-Bit Registered Buffer Product Features * PI74 SSTVF16859 is designed for low-voltage operation, 2.5V for PC1600 ~ PC2700; 2.6V for PC3200 * Supports SSTL_2 Class I specifications on outputs * All Inputs are SSTL_2 Compatible, except RESET which is LVCMOS. * Designed for DDR Memory * Flow-Through Architecture * Packages: 64-pin, 240-mil wide plastic TSSOP (A) 56-pin, Plastic Very Thin Fine Pitch Quad Flat No Lead QFN (ZB) Product Description Pericom Semiconductor's PI74SSTVF16859 logic circuit is produced using the Company's advanced sub-micron CMOS technology, achieving industry leading speed. All inputs are compatible with the JEDEC standard for SSTL_2, except the LVCMOS reset (RESET) input. All outputs are SSTL_2, Class II compatible. The device operates from a differential clock (CLK and CLK). Data registered at the crossing of CLK going HIGH, and CLK going LOW. The PI74SSTVF16859 supports low-power standby operation. When RESET is LOW, the differential input receivers are disabled, and undriven (floating) data, clock and reference voltage (VREF) inputs are allowed. In addition, when RESET is LOW, all registers are reset, and all outputs are forced LOW. The LVCMOS RESET input must always be held at a valid logic HIGH or LOW level. To ensure defined outputs from the register before a stable clock has been supplied, RESET must be held in the LOW state during power up. In the DDR DIMM application, RESET is specified to be completely asynchronous with respect to CLK and CLK. Therefore, no timing relationship can be guaranteed between the two. When entering RESET, the register will be cleared and the outputs will be driven LOW quickly, relative to the time to disable the differential input receivers, thus ensuring no glitches on the output. However, when coming out of RESET, the register will become active quickly, relative to the time to enable the differential input receivers. When the data inputs are LOW, and the clock is stable, during the time from the LOW-to-HIGH transition of RESET until the input receivers are fully enabled, the design must ensure that the outputs will remain LOW. Pericom's PI74SSTVF16859 is characterized for operation from 0C to 70C. Logic Block Diagram - TSSOP CLK CLK RESET D1 VREF 48 49 51 35 45 16 R CLK V Q1A Q1B D 32 TO 12 OTHER CHANNELS Logic Block Diagram - QFN CLK CLK RESET D1 VREF 35 36 38 24 32 7 R CLK V Q1A Q1B D 22 TO 12 OTHER CHANNELS Product Pin Description Pin Name RESET CLK CLK D Q GND VDD VDDQ VREF De s cription Reset (Active Low) LVCMOS Clock Input, Positive Differential Input Clock Input, Negative Differential Input Data Input, D1- D13 Data Output, Q1- Q13 Ground Core Supply Voltage Output Supply Voltage Input Reference Voltage 1 Truth Table(1) Inputs RESET L H H Notes: 1. H L X Outputs CLK D X or Floating H L X Q L H L Q o( 2 ) CLK X or Floating L or H X or Floating L or H = High Signal Level 2. Output level before the = Low Signal Level indicated steady state = Transition LOW-to-HIGH input conditions were = Transition HIGH-to-LOW established. = Irrelevant or floating PS8657 02/13/03 VDDQ VDDQ Q8A Q9A VDD D13 D12 Q12A Q11A Q10A Q9A VDDQ GND Q8A Q7A Q6A Q5A Q4A Q3A Q2A GND Q1A Q13B VDDQ Q12B Q11B Q10B Q9B Q8B Q7B Q6B GND VDDQ Q5B Q4B Q3B Q2B Q1B 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 63 62 61 60 59 58 57 56 55 54 GND D13 D12 VDD VDDQ GND D11 D10 D9 GND D8 D7 RESET GND CLK CLK VDDQ VDD VREF D6 GND D5 D4 D3 GND VDDQ VDD D2 D1 GND VDDQ Q7A Q6A Q5A Q4A Q3A Q2A Q1A Q13B VDDQ Q12B Q11B Q10B Q9B Q8B 1 2 3 4 5 6 7 8 9 56 55 54 53 52 51 50 49 48 47 46 45 44 43 D11 Q13A 1 64 VDDQ VDDQ Q10A Q11A Q12A Q13A GND VDDQ VDDQ VDDQ VDD D1 D2 Q7B Q6B Q5B Q4B Q3B Q2B 45 44 43 42 41 40 39 38 37 36 35 34 33 Maximum Ratings (Above which the useful life may be impaired. For user guidelines, not tested.) Ite m Storage Temperature Supply Voltage Symbol/ Conditions Tstg VD D or VD D Q VI VO IIK , VI<0 or VI >VD D IO K , VO <0 or VO >VD D Q IO , VO = 0 to VD D Q ID D , ID D Q or IG N D Ratings -65 to 150 -0.5 to 3.6 -0.5 to VD D +0.5 -0.5 to VD D Q +0.5 50 50 mA 50 100 V Units C Note: Stresses greater than those listed under MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 1. The input and output negative voltage ratings may be excluded if the input and output clamp ratings are observed. 2. This value is limited to 3.6V Maximum. 3. The package thermal impedance is calculated in accordance with JESD 51. Input Voltage(1 ,2 ) Output Voltage (1 , 2 ) Input Clamp Current Output Clamp Current Continuous Output Current VD D , VD D Q or GND Current/Pin Package Thermal (3 ) impedance A Package 2 B- Package Q1B O JA 55 C/W 24 2 PS8657 D3 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 PI74SSTVF16859 13-Bit to 26-Bit Registered Buffer Product Pin Configurations 42 41 40 39 38 D10 D9 D8 D7 RESET GND CLK CLK VDDQ VDD VREF D6 D5 D4 56-Pin ZB 37 36 35 34 33 32 31 30 64-Pin A 53 52 51 50 49 48 47 46 10 11 12 13 14 29 15 16 17 18 19 20 21 22 23 24 25 26 27 28 02/13/03 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 PI74SSTVF16859 13-Bit to 26-Bit Registered Buffer Recommended Operating Conditions(4) Parame te rs De s cription Core Output Supply Voltage VDD/VDDQ I/O Supply Voltage PC1600 P C 2700 P C 3200 PC1600 P C 2700 P C 3200 VTT VI VIH VIL VIH VIL VIH VIL VICR VID IOH IOL TA Termination Voltage Input Voltage AC High - Level Input Voltage AC Low - Level Input Voltage Data Inputs DC High - Level Input Voltage DC Low - Level Input Voltage High - Level Input Voltage RESET Low - Level Input Voltage Common- mode input range CLK, CLK Differential Input Voltage High- Level Output Current Low- Level Output Current Operating Free- Air Temperature 0 0.36 -16 mA 16 70 C 0.97 0.7 1.53 1.7 VREF +150mV VREF -150mV M in. 2.3 2.5 1.15 1.25 VREF -0.04 0 VREF +310mV VREF - 310mV Nom. 2.5 2.6 1.25 1.3 VREF M ax. 2.7 2.7 1.35 1.35 VREF +0.04 VDD V Units VREF Reference Voltage VREF = 0.5X VDDQ Note: 4. The RESET input of the device must be held at VDD or GND to ensure proper device operation. The differential inputs must not be floating, unless RESET is LOW. 3 PS8657 02/13/03 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 PI74SSTVF16859 13-Bit to 26-Bit Registered Buffer DC Electrical Characteristics for PC1600 ~ PC2700 (Over the Operating Range, TA = 0C to +70C, VDD = 2.5V 200mV, VDDQ = 2.5V 200mV) Pa ra me te rs VIK VO H Te s t Co nditio ns II = -18 mA IO H = -10 0 A IO H = -8 mA IO L =10 0 A IO H =8 mA VI = VDD o r GN D RES ET = GN D RES ET = VDD VI = VIH(AC ) o r VIL(AC ) RES ET = VDD VI = VIH(AC ) o r VIL(AC ) C LK and C LK switching 5 0 % d uty cycle RES ET = VDD VI = VIH(AC ) o r VIL(AC ) C LK and C LK switching 5 0 % d uty cycle. O ne d ata inp ut switching at half clo ck freq uency, 5 0 % d uty cycle VI = VREF 3 10 mV VIC R = 1. 2 5 V, VI(PP) = 3 6 0 mV VI = VDD o r GN D 2.5V 2.5 2.5 30 IO = 0 2.7V VD D 2.3V 2 . 3 V- 2 . 7 V 2.3V 2 . 3 V- 2 . 7 V 2.3V 2.7V VDD - 0 . 2 1.95 0.2 0.35 5 10 25 A mA A/ clo ck MHz A/ clo ck MHz d a ta inp ut 3.5 3.5 V M in. Typ. M ax. - 1.2 Units VO L II IDD All Inp uts S tand b y (S tatic) O p erating (S tatic) Dynamic O p erating clo ck o nly IDDD Dynamic O p erating p er each d ata inp ut 10 Data Inp uts CI C LK and C LK RES ET pF 4 PS8657 02/13/03 DC Electrical Characteristics for PC3200 (Over the Operating Range, TA = 0C to +70C, VDD = 2.6V 100mV, VDDQ = 2.6V 100mV) Pa ra me te rs VIK VO H Te s t Co nditio ns II = - 1 8 mA IO H = - 1 0 0 A IO H = - 8 mA IO L =1 0 0 A IO H =8 mA VI = VDD o r GN D RES ET = GN D RES ET = VDD VI = VIH(AC ) o r VIL(AC ) RES ET = VDD VI = VIH(AC ) o r VIL(AC ) C LK and C LK switching 5 0 % d uty cycle RES ET = VDD VI = VIH(AC ) o r VIL(AC ) C LK and C LK switching 5 0 % d uty cycle. O ne d ata inp ut switching at half clo ck freq uency, 5 0 % d uty cycle VI = VREF 3 1 0 mV VIC R = 1 . 2 5 V, VI(PP) = 3 6 0 mV VI = VDD o r GN D 2.6V 2.5 2.5 30 IO = 0 2.7V VD D 2.5V 2 . 5 V- 2 . 7 V 2.5V 2 . 5 V- 2 . 7 V 2.5V 2.7V VDD - 0 . 2 1.95 0.2 0.35 5 10 25 A mA A/ clo ck MHz A/ clo ck MHz d a ta inp ut 3.5 3.5 V M in. Ty p. M ax. - 1.2 Units 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 PI74SSTVF16859 13-Bit to 26-Bit Registered Buffer VO L II IDD All Inp uts S tand b y (S tatic) O p erating (S tatic) Dynamic O p erating clo ck o nly IDDD Dynamic O p erating p er each d ata inp ut 10 Data Inp uts CI C LK and C LK RES ET pF 5 PS8657 02/13/03 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 PI74SSTVF16859 13-Bit to 26-Bit Registered Buffer Timing Requirements (over recommended operating free-air temperature range, unless otherwise noted) VDD =2 .5 V 0 . 2 V M in. fclo ck tW ta c t C lo ck F req uency P ulse Duratio n, C LK , C LK High o r Lo w Differential inp uts active time, d ata inp uts must b e lo w after RES ET High Differential Inp uts inactive time, d ata and clo ck inp uts must b e held at valid levels (no t flo ating) after RES ET Lo w Data b efo re C K , C K 2.5 22 M ax. 270 2.5 22 VDD =2 .6 V 0 . 1 V M in. M ax. 270 Units MHz tinact 22 ns 0.75 0.9 0.75 0.9 0.75 0.9 0.75 0.9 tS U S etup time, slo w slew rate Ho ld time, fast slew rate (6 , 7 ) (5 , 7 ) (6 , 7 ) th Ho ld time, slo w slew rate Data b efo re C K , C K Notes: 5. Data signal input slew rate 1 V/ns 6. Data signal input slew rate 0.5V/ns and <1V/ns 7. CLK, CLK input slew rates are 1 V/ns. Switching Characteristics for PC1600 ~ PC2700 (over recommended operating free-air temperature range, unless otherwise noted.) (See test circuits and switching waveforms). Parame te r fmax tpd tphl CLK, CLK RESET Q Q From (Input) To (Output) VDD = 2.5V 0.2V M in. 210 1.1 2.2 5.0 Typ. M ax. Units MHz ns Switching Characteristics for PC3200 (over recommended operating free-air temperature range, unless otherwise noted.) (See test circuits and switching waveforms). Parame te r fmax tpd tphl CLK, CLK RESET Q Q From (Input) To (Output) VDD = 2.6V 0.1V M in. 210 1.1 2.2 5.0 Typ. M ax. Units MHz ns 6 S etup time, fast slew rate (5 , 7 ) PS8657 02/13/03 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 PI74SSTVF16859 13-Bit to 26-Bit Registered Buffer Test Circuit and Switching Waveforms LVCMOS RESET Input VDD/2 VDD 0V From Output Under Test 500 Test Point CL = 30pF(8) t inact IDD(9) 10% tact 90% IDDH IDDL Load Circuit Voltage and Current Waveforms Input Active and Inactive Times Timing Input VICR t PLH Output VIL VICR t PHL VTT VI(PP) tw VIH Input VREF VREF VOH VOL VTT Voltage Waveforms - Pulse Duration Voltage Waveforms - Propagation Delay Times Timing Input tsu Input VREF VICR VI(PP) LVCMOS RESET Input VDD/2 t PHL VIH VIL VOH VTT VOL th VIH VREF VIL Output Voltage Waveforms - Setup and Hold Times Voltage Waveforms - Propagation Delay Times Parameter Measurement Information Notes: 8. CL includes probe and jig capacitance. 9. IDD tested with clock and data inputs held at VDD or GND, and IO = 0mA. 10. All input pulses are supplied by generators having the following characteristics: PRR 10 MHz, ZO = 50 ohms. Input slew rate = 1V/ns 20% (unless otherwise specified). 11. The outputs are measured one at a time with one transition per measurement. 12. VTT = VREF = VDDQ/2 13. VIH = VREF + 310mV (ac voltage levels) for SSTL inputs. VIH = VDD for LVCMOS input. 14. VIL = VREF -310mV (ac voltage levels) for SSTL inputs. VIL = GND for LVCMOS input. 15. tPLH and tPHL are the same as tpd. 7 PS8657 02/13/03 0.25 C A X.XX DENOTES DIMENSIONS X.XX IN MILLIMETERS Notes: 1. Controlling dimensions in millimeters 2. Ref: JEDEC MO-220 variation VLLD-2 Ordering Information Orde ring Code PI74SSTVF16859A PI74SSTVF16859ZB Package Type 64- Pin TSSOP 56- Pin QFN Te mpe rature Range 0C to 70C Pericom Semiconductor Corporation 2380 Bering Drive * San Jose, CA 95131 * 1-800-435-2336 * Fax (408) 435-1100 * http://www.pericom.com 8 PS8657 02/13/03 0.08 C 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 PI74SSTVF16859 13-Bit to 26-Bit Registered Buffer 64-Pin TSSOP (A) Package 64 .236 .244 6.0 6.2 1 .665 .673 16.9 17.1 1.20 .047 Max. SEATING PLANE 0.45 .018 0.75 .030 .319 BSC 8.1 .004 .008 0.09 0.20 .004 0.10 .0197 BSC 0.50 .007 0.17 .011 0.27 X.XX DENOTES DIMENSIONS X.XX IN MILLIMETERS .002 .006 0.05 0.15 56-Pin QFN (ZB) Package .033 MAX 0.84 .007 .012 0.18 0.30 .008 REF 0.20 0 .0015 0.00 0.04 .311 .319 7.90 8.10 .012 .019 0.30 0.50 .019 BSE 0.50 O 0.10 M C A B R 0.25 x 3 .311 .319 7.90 8.10 .199 .211 5.05 5.35 0.25 Chamfer 0.25 C B .171 .183 4.35 4.65 |
Price & Availability of PI74SSTVF16859 |